Part Number Hot Search : 
11EFS2 2G153K 0LT1G S5128 P3055L XC4000D KIA6901F 00906
Product Description
Full Text Search
 

To Download V7PB-15E15S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E Series
* * * * * * * Non-Isolated High Efficiency High Power Density Low Cost Excellent Thermal Performance Remote On/Off Active Low/High (option) * * * * * * * Over Temperature Protection Under-voltage Lockout (UVLO) OCP/SCP Remote Sense Industrial Temperature Range Wide Input Voltage Range Wide Output Trim Range
Description
The Bel V7PB-15Exxx series are part of the low cost non-isolated DC/DC power converter series. These modules use a SIP package for ease of layout and space savings. The output is closely regulated and the efficiency at 3.3V output is typically 92% at full load. Typical features include remote on/off, under-voltage lockout, wide input voltage range, wide output trim range, over-current protection and short circuit protection.
Part Selection
Output Voltage 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 0.9V 0.9V - 3.63V Input Voltage 8.0V - 13.2V 4.5V - 13.2V 4.5V - 13.2V 4.5V - 13.2V 4.5V - 13.2V 4.5V - 13.2V 4.5V - 13.2V 4.5V - 13.2V Max. Output Current 15A 15A 15A 15A 15A 15A 15A 15A Max. Output Power 75.0W 48.5W 37.5W 27.0W 22.5W 18.0W 13.5W 54.5W Typical Efficiency 92.6% 92% 90% 88% 86% 84% 80% 92% Model Number Active Low V7PB-15E50L V7PB-15E33L V7PB-15E25L V7PB-15E18L V7PB-15E15L V7PB-15E12L V7PB-15E09L V7PB-15E1AL Model Number Active High V7PB-15E50S V7PB-15E33S V7PB-15E25S V7PB-15E18S V7PB-15E15S V7PB-15E12S V7PB-15E09S V7PB-15E1AS
Note: Add "G" suffix at the end of the model number to indicate "Tray Packaging".
Absolute Maximum Ratings
Parameter Input Voltage (continuous) Output Enable Terminal Voltage Ambient Temperature Storage Temperature Min -0.3V -0.3V -40C -40C Typ Max 15V 15V 85C 125C Notes
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input 0.9V-5.0V/15A Output
Min 4.5V 8.0V Typ 0.04A s 3.9V 2.5V 5.3V 4.5V
2
Input Specifications
Parameter Input Voltage 0.9VVo3.63V Vo>3.63V Input Current (full load) Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Input Current (full load) Vo=5.0V Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Input Current (no load) Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Input Current (no load) Vo=5.0V Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Input Reflected Ripple Current (pk-pk) Input Reflected Ripple Current (RMS) I t Inrush Current Transient Turn-on Voltage Threshold Turn-off Voltage Threshold Turn-on Voltage Threshold Turn-off Voltage Threshold
2
Max 13.2V 13.2V 11.4A 9.0A 6.7A 5.8A 4.9A 3.9A 11.2A 4.9A 3.6A 2.7A 2.3A 1.9A 1.49A 180mA 180mA 180mA 175mA 170mA 165mA 210mA 160mA 140mA 120mA 120mA 110mA 105mA 600mA 250mA 0.08A s 2
Notes
Vin=5V
Vin=12V
Vin=5V
Vin=12V
Tested with simulated source impedance of 500nH and one 470uF/25V AL. capacitor. with ESR=0.03 ohm max and two 270uF/16V Oscon capacitor. with ESR=0.013 ohm max at 100KHz 0.9VVo3.63V Vo>3.63V
Output Specifications
Parameter Output Voltage Set Point Vo=5.0V Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V 4.900V 3.234V 2.450V 1.764V 1.470V 1.176V 0.882V 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 0.9V 5.100V 3.366V 2.550V 1.836V 1.530V 1.224V 0.918V Test condition: Vin=12V, lout=full load Min Typ Max Notes
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input 0.9V-5.0V/15A Output
Output Specifications (continued)
Parameter Load Regulation Vo=5.0V Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Line Regulation Vo=5.0V Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Regulation Over Temperature (-40C to +85 C) Vo=5.0V Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Output Current Current Limit Threshold Short Circuit Surge Transient Vo=5.0V Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Turn on Time Vo=5.0V Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Overshoot at Turn on Output Capacitoracitance Output Ripple and Noise (pk-pk) Vo=5.0V Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V 60mV 60mV 50mV 40mV 40mV 30mV 20mV 100mV 100mV 90mV 80mV 80mV 70mV 60mV Test conditions: 0-20MHz BW; 22uF tantalum capacitor at the output 280mS 280mS 240mS 220mS 200mS 190mS 170mS 310mS 310mS 270mS 250mS 230mS 220mS 200mS 5%Vo,set 6800uF 15mV 10mV 7mV 5mV 3mV 3mV 3mV 35mV 20mV 15mV 10mV 10mV 10mV 10mV 15mV 10mV 8mV 6mV 5mV 5mV 5mV 40mV 20mV 20mV 15mV 15mV 15mV 15mV Min Typ Max Notes
0A 18A -
40mV 15mV 10mV 5mV 5mV 5mV 2mV 4.5A s 2 3.9A s 2 3A s 2 3A s 2 3A s 2 3A s 2 2.5A s
2
80mV 30mV 20mV 15mV 15mV 15mV 10mV 15A 45A 9A s 2 7.8A s 2 6A s 2 6A s 2 6A s 2 6A s 2 5A s
2
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input 0.9V-5.0V/15A Output
Output Specifications (continued)
Parameter Output Ripple and Noise (RMS) Vo=5.0V Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Transient Response (Vin=12V) 50% ~ 100% Max Load Settling Time 100% ~ 50% Max Load Settling Time 50% ~ 100% Max Load Settling Time 100% ~ 50% Max Load Settling Time 50% ~ 100% Max Load Settling Time 100% ~ 50% Max Load Settling Time Transient Response (Vin=5V) 50% ~ 100% Max Load Settling Time 100% ~ 50% Max Load Settling Time VO=0.9V 3.3V 120mV 70uS 120mV 70uS 160mV 120uS 160mV 120uS Test conditions: di/dt = 0.5A/uS; Vin =5V; with one 470uF tantalum capacitor at the output VO=0.9V 2.5V VO=3.3V VO=5.0V 150mV 60uS 150mV 60uS 80mV 60uS 80mV 60uS 70mV 60uS 70mV 60uS 220mV 100uS 220mV 100uS 120mV 100uS 120mV 100uS 120mV 90uS 120mV 90uS Test conditions: di/dt=0.5A/us, Vin=12.0Vdc, and with a 470uF tantalum capacitor at the output except Vo=5.0V Min Typ 25mV 20mV 15mV 10mV 10mV 10mV 5mV Max 50mV 40mV 30mV 20mV 20mV 20mV 15mV Notes
Test conditions: 0-20MHz BW; 22uF tantalum capacitor at the output
Note: All specifications are typical at 25C unless otherwise stated.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input 0.9V-5.0V/15A Output
General Specifications
Parameter Efficiency Vo=5.0V Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Efficiency Vo=3.3V Vo=2.5V Vo=1.8V Vo=1.5V Vo=1.2V Vo=0.9V Switching Frequency Output Voltage Trim Range (Wide Trim) Output Voltage Trim Range (Narrow Trim) Vo=1.2V-5.0V Vo=0.9V Remote Sense Compensation MTBF Dimensions Inches (L x W x H) Millimeters (L x W x H) Weight 2.0 x 0.55 x 0.36 50.8 x 13.97 x 9.14 10g 88% 86% 83% 81% 79% 75% 180KHz 93% 91% 88% 86% 83% 81% 200KHz 220KHz 403%Vo Vo=0.9V Measured at Vin=5V, full load. 88% 87% 85% 83% 81% 79% 75% 92.6% 92% 90% 88% 86% 84% 80% Min Typ Max Notes
Measured at Vin=12V, full load.
90%Vo -
3,714,560 hours
110%Vo 110%Vo 10%Vo Calculated Per Bell Core TR332 (IO = 80%Io,max; Vo=1.8V; Vin=12V; Ta = 25C)
Note: All specifications are typical at 25C unless otherwise stated.
Control Specifications
Parameter Remote On/Off Signal Low (Unit Off) Signal High (Unit On) Signal Low (Unit On) Signal High (Unit Off) -0.3V 2.8V -0.3V 2.8V 0.4V 13.2V 0.4V 13.2V V7PB-15ExxS Min Typ Max Notes
V7PB-15ExxL
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input 0.9V-5.0V/15A Output
Output Trim Equations
Equations for calculating the trim resistor (in k) given the desired adjusted voltage (Vadj) and the nominal output voltage of the converter (Vnom) are shown below. The Trim Down resistor should be connected between the Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of the resistors should be used for any given application.
RTrimDown
A = -B Vnom - Vadj
Vout Rtrimdown Module Trim GND
Vout
RTrimUp =
Vadj
C -D - Vnom
Module
Trim Rtrimup GND
Vnom 0.9 - 3.63 5.0 3.3 2.5 1.8 1.5 1.2 0.9
A N/A 31.574 18.8157 12.7927 7.5426 5.2865 3.027 N/A
B N/A 19.010 25.310 30.110 39.110 33.610 24.410 N/A
C 6.008 6.008 6.008 6.008 6.008 6.008 6.008 6.008
D 2.150 11.50 17.800 22.600 31.600 26.100 16.900 64.900
Efficiency Data
MODULE 5.0V
100%
MODULE 3.3V 100.0% 95.0% 90.0% 85.0% 80.0% 75.0% 70.0% 1.5 3.75 7.5 11.25 15.0 OUTPUT CURRENT
90% 85% 80% 75% 70% 1.5 3.75 7.5 11.25 OUTPUT CURRENT 15.0
EFFICIENCY
95% EFFICIENCY
5V 12V
12V
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input 0.9V-5.0V/15A Output
Efficiency Data (continued)
MODULE 2.5V 100% EFFICIENCY 90% 80% 70% 60% 1.5 3.75 7.5 11.25 15.0 OUTPUT CURRENT 5V 12V
MODULE 1.8V 95% 90% 85% 80% 75% 70% 65% 60% 1.5 3.75 7.5 11.25 OUTPUT CURRENT 15.0 EFFICIENCY
5V 12V
MODULE 1.5V 95% 90% 85% 80% 75% 70% 65% 60% 1.5 3.75 7.5 11.25 OUTPUT CURRENT 15.0 90% EFFICIENCY 80% EFFICIENCY
MODULE 1.2V
5V 12V
5V 70% 60% 50% 1.5 3.75 7.5 11.25 OUTPUT CURRENT 15.0 12V
MODULE 0.9V 90% EFFICIENCY 80% 70% 60% 50% 1.5 3.75 7.5 11.25 15.0 OUTPUT CURRENT 5V 12V
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input 0.9V-5.0V/15A Output
Thermal Derating Curves
(Vin=5.5V, Vo=3.3V)
(Vin=13.2V, Vo=3.3V)
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input 0.9V-5.0V/15A Output
Pin Connections
Pin 1 2 3 4 5 6 7 8 9 10 11 Function Vo+ Vo+ Opt. Remote Sense (+) Vo+ Ground Ground Vin+ Vin+ Not used Trim Remote On/Off
2004 Bel Fuse Inc. Specifications subject to change without notice. 120704
CORPORATE Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST Bel Fuse Ltd. 8F/ 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com


▲Up To Search▲   

 
Price & Availability of V7PB-15E15S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X